PART |
Description |
Maker |
UPC3231GV-E1 UPC3231GV |
BIPOLAR ANALOG INTE
|
CEL[California Eastern Labs]
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
SDS7000E |
Junction Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Fiberglass; External Height:6"; External Width:6"; External Depth:4"; Enclosure Color:Light Gray; Approval Bodies:UL, CSA RoHS Compliant: Yes Switching Diode
|
AUK[AUK corp]
|
MA8121K |
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
|
List of Unclassifed Man...
|
TSOP17..XG1 TSOP1730XG102 UC1682XFBZ UPC8232T5N-E2 |
Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 同步降压型DC / DC转换器内置LDO的同时加电压检测器调节 High Performance 8-bit Microcontroller HIGH-VOLTAGE MIXED-SIGNAL IC B IPOLAR ANALOG INTE GR ATE D CIR CUIT
|
Torex Semiconductor, Ltd. ETC CEL TOREX[Torex Semiconductor]
|
1SV230 |
FILTER, INLET, IEC, 6A, DPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:57.5mm VARIABLE CAPACITANCE DIODE (CATV CONVERTER 1st OSC TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
IDT71421LA IDT71421LA20J IDT71421LA20PF IDT71421LA |
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
|
Integrated Device Technology
|
VMICBL-000-F5-012000 VMICBL-000-F5-016000 VMICBL-0 |
Ultrahigh Speed Fiber-Optic Reflective Memory with Interrupts 超高速光纤反射内存与中断
|
General Electric Company
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
PE2320 PE2320BE-70.0M-XXX PE2320BF-70.0M-XXX PE232 |
Safety Sign; Legend:Notice Employees Only; External Height:7"; External Width:10"; Body Material:Polyester; Color:Blue/Black RoHS Compliant: NA 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad 10垫无铅表面贴装时钟振荡器,见6Pad PE1145B Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-Off-(On); Contact Current Max:4A; Switch Terminals:Solder Lug; Actuator Color:Black; Leaded Process Compatible:Yes; Mounting Type:Panel RoHS Compliant: Yes CRYSTAL OSCILLATOR / 1-CHANNEL LENS, RECTANGULAR, BLUE; Colour:Blue; Length / Height, external:18mm; Width, external:24mm RoHS Compliant: Yes LENS, RECTANGLE AMBERLENS, RECTANGLE AMBER; Colour:Amber; Length / Height, external:18mm; Width, external:24mm 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
|
Pletronics Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http://
|